Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 282 page
background image
187
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 3 - LAINC: Auto Increment of Data Buffer Index
In LIN mode:
– 0 = Auto incrementation of FIFO data buffer index (default),
– 1 = No auto incrementation.
In UART mode this field is unused.
• Bits 2:0 - LINDX 2:0: FIFO LIN Data Buffer Index
In LIN mode: location (index) of the LIN response data byte into the FIFO data buffer.
The FIFO data buffer is accessed through LINDAT.
In UART mode this field is unused.
15.6.10
LIN Data Register - LINDAT
• Bits 7:0 - LDATA[7:0]: LIN Data In / Data out
In LIN mode: FIFO data buffer port.
In UART mode: data register (no data buffer - no FIFO).
– In Write access, data out.
– In Read access, data in.
Bit
76543210
LDATA7
LDATA6
LDATA5
LDATA4
LDATA3
LDATA2
LDATA1
LDATA0
LINDAT
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com