Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 189 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 189 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 193Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 282 page
background image
189
7728D–AVR–07/09
ATtiny87/ATtiny167
In automotive applications, distributed voltages are very disturbed. The internal Current
Source solution of ATtiny87/167 immunizes the address detection the against any kind of volt-
age variations.
Note:
1. 5V range: Max Rload 30KΩ
3V range: Max Rload 15KΩ
Table 16-1.
Example of Resistor Values(±5%) for a 8-address System (AVcc = 5V(1))
Physical
Address
Resistor Value
Rload (Ohm)
Typical Measured
Voltage (V)
Minimum
Reading with
a 2.56V ref
Typical
Reading with
a 2.56V ref
Maximum
Reading with
a 2.56V ref
0
1 000
0.1
40
1
2 200
0.22
88
2
3 300
0.33
132
3
4 700
0.47
188
4
6 800
0.68
272
5
10 000
1
400
6
15 000
1.5
600
7
22 000
2.2
880
Table 16-2.
Example of Resistor Values(±1%) for a 16-address System (AVcc = 5V
(1))
Physical
Address
Resistor Value
R
load (Ohm)
Typical Measured
Voltage (V)
Minimum
Reading with
a 2.56V ref
Typical
Reading with
a 2.56V ref
Miximum
Reading with
a 2.56V ref
0
1 000
0.1
384045
1
1 200
0.12
46
48
54
2
1500
0.15
57
60
68
3
1800
0.18
69
72
81
4
2200
0.22
84
88
99
5
2700
0.27
104
108
122
6
3300
0.33
127
132
149
7
4700
0.47
181
188
212
8
6 800
0.68
262
272
306
9
8 200
0.82
316
328
369
10
10 000
1.0
386
400
450
11
12 000
1.2
463
480
540
12
15 000
1.5
579
600
675
13
18 000
1.8
694
720
810
14
22 000
2.2
849
880
989
15
27 000
2.7
1023
1023
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com