Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 192 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 193Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 194Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 195Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 196Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 282 page
background image
192
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 17-1. Analog to Digital Converter Block Schematic
ADC0
ADC1
ADC2
ISRC / ADC3
ADC4
ADC5
ADC6
ADC8
ADC9
ADC10
Temperature
Sensor
Bandgap
Reference
AVCC
/4
AGND
AVCC
Neg.
Input
Mux.
Mux.
Pos.
Input
Mux.
x8 / x20 Gain
Amplifier
ADC Multiplexer
Output
10-bit DAC
Sample & Hold
Comparator
Conversion Logic
Mux.
Decoder
ADC Data Register
(ADCH / ADCL)
ADC Control & Status
Register A & B (ADCSRA/ADCSRB)
ADC Multiplexer
Select (ADMUX)
Analog Misc.
(AMISCR)
Prescaler
ADC Conversion
Complete IRQ
Interrupt
Flags
Start
Trigger
Select
8-Bit Data Bus
Internal
2.56 / 1.1V
Reference
ADC7
AREF
XREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com