Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 193 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 193Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 194Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 195Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 196Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 282 page
background image
193
7728D–AVR–07/09
ATtiny87/ATtiny167
17.3
Operation
The ADC converts an analog input voltage to a 10-bit digital value through successive approx-
imation. The minimum value represents AGND and the maximum value represents the voltage
on AVcc, the voltage refrence on AREF pin or an internal 1.1V / 2.56V voltage reference.
The voltage reference for the ADC may be selected by writing to the REFS[1..0] bits in
ADMUX and AREFEN bit in AMISCR. The AVcc supply, the AREF pin or an internal 1.1V /
2.56V voltage reference may be selected as the ADC voltage reference.
The analog input channel and differential gain are selected by writing to the MUX[4..0] bits in
ADMUX register. Any of the 11 ADC input pins ADC[10..0] can be selected as single ended
inputs to the ADC. The positive and negative inputs to the differential gain amplifier are
described in Table 17-5.
If differential channels are selected, the differential gain stage amplifies the voltage difference
between the selected input pair by the selected gain factor 8x or 20x, according to the setting
of the MUX[4..0] bits in ADMUX register. This amplified value then becomes the analog input
to the ADC. If single ended channels are used, the gain amplifier is bypassed altogether.
The on-chip temperature sensor is selected by writing the code defined in Table 17-5 to the
MUX[4..0] bits in ADMUX register when its dedicated ADC channel is used as an ADC input.
A specific ADC channel (defined in Table 17-5) is used to measure the voltage to the boundar-
ies of an external resistance flowing by a current driving by the Internal Current Source
(ISRC).
The ADC is enabled by setting the ADC Enable bit, ADEN in ADCSRA register. Voltage refer-
ence and input channel selections will not go into effect until ADEN is set. The ADC does not
consume power when ADEN is cleared, so it is recommended to switch off the ADC before
entering power saving sleep modes.
The ADC generates a 10-bit result which is presented in the ADC Data Registers, ADCH and
ADCL. By default, the result is presented right adjusted, but can optionally be presented left
adjusted by setting the ADLAR bit in ADMUX register.
If the result is left adjusted and no more than 8-bit precision is required, it is sufficient to read
ADCH. Otherwise, ADCL must be read first, then ADCH, to ensure that the content of the data
registers belongs to the same conversion. Once ADCL is read, ADC access to data registers
is blocked. This means that if ADCL has been read, and a conversion completes before ADCH
is read, neither register is updated and the result from the conversion is lost. When ADCH is
read, ADC access to the ADCH and ADCL Registers is re-enabled.
The ADC has its own interrupt which can be triggered when a conversion completes. When
ADC access to the data registers is prohibited between reading of ADCH and ADCL, the inter-
rupt will trigger even if the result is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com