Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 188 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 188 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 187Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 192Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 282 page
background image
188
7728D–AVR–07/09
ATtiny87/ATtiny167
16. ISRC - Current Source
16.1
Features
• 100µA Constant current source
• ±10% Absolute Accuracy
The ATtiny87/167 features a 100µA ±10% Current Source. Up on request, the current is flow-
ing through an external resistor. The voltage can be measured on the dedicated pin shared
with the ADC. Using a resistor in serie with a
≤ 0.5% tolerance is recommended. To protect the
device against big values, the ADC must be configured with AVcc as internal reference to per-
form the first measurement. Afterwards, another internal reference can be chosen according
to the previous measured value to refine the result.
When ISRCEN bit is set, the ISRC pin sources 100µA. Otherwise this pin keeps its initial
function.
Figure 16-1. Current Source Block Diagram
16.2
Typical applications
16.2.1
LIN Current Source
During the configuration of a LIN node in a cluster, it may be necessary to attribute dynami-
cally an unique physical address to every cluster node. The way to do it is not described in the
LIN protocol.
The Current Source offers an excellent solution to associate a physical address to the applica-
tion supported by the LIN node. A full dynamic node configuration can be used to set-up the
LIN nodes in a cluster.
ATtiny87/167 proposes to have an external resistor used in conjunction with the Current
Source. The device measures the voltage to the boundaries of the resistance via the Analog to
Digital converter. The resulting voltage defines the physical address that the communication
handler will use when the node will participate in LIN communication.
AVCC
ADC Input
External
Resistor
ISRCEN
ADCn/ ISRC
100 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com