Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 182 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 178Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 179Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 180Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 181Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 182Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 183Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 184Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 185Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 282 page
background image
182
7728D–AVR–07/09
ATtiny87/ATtiny167
15.6.2
LIN Status and Interrupt Register - LINSIR
• Bits 7:5 - LIDST[2:0]: Identifier Status
– 0xx = no specific identifier,
– 100 = Identifier 60 (0x3C),
– 101 = Identifier 61 (0x3D),
– 110 = Identifier 62 (0x3E),
– 111 = Identifier 63 (0x3F).
• Bit 4 - LBUSY: Busy Signal
– 0 = Not busy,
– 1 = Busy (receiving or transmitting).
• Bit 3 - LERR: Error Interrupt
It is a logical OR of LINERR register bits. This bit generates an interrupt if its respective
enable bit - LENERR - is set in LINENIR.
–0 = No error,
– 1 = An error has occurred.
The user clears this bit by writing 1 in order to reset this interrupt. Resetting LERR also
resets all LINERR bits.
In UART mode, this bit is also cleared by reading LINDAT.
• Bit 2 - LIDOK: Identifier Interrupt
This bit generates an interrupt if its respective enable bit - LENIDOK - is set in LINENIR.
– 0 = No identifier,
– 1 = Slave task: Identifier present, master task: Tx Header complete.
The user clears this bit by writing 1, in order to reset this interrupt.
• Bit 1 - LTXOK: Transmit Performed Interrupt
This bit generates an interrupt if its respective enable bit - LENTXOK - is set in
LINENIR.
–0 = No Tx,
–1 = Tx Response complete.
The user clears this bit by writing 1, in order to reset this interrupt.
In UART mode, this bit is also cleared by writing LINDAT.
Bit
76543210
LIDST2
LIDST1
LIDST0
LBUSY
LERR
LIDOK
LTXOK
LRXOK
LINSIR
Read/Write
RRRR
R/Wone
R/Wone
R/Wone
R/Wone
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com