Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 209Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 210Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 211Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 212Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 213Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 214Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 215Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 216Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 282 page
background image
213
7728D–AVR–07/09
ATtiny87/ATtiny167
Note:
When changing the ACIS1/ACIS0 bits, the Analog Comparator Interrupt must be disabled by
clearing its Interrupt Enable bit in the ACSR Register. Otherwise an interrupt can occur when
the bits are changed.
18.1.3
DIDR0 – Digital Input Disable Register 0
• Bits 7,6 – AIN1D, AIN0D: AIN1D and AIN0D Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding Analog Com-
pare pin is disabled. The corresponding PIN register bit will always read as zero when this bit
is set. When an analog signal is applied to the AIN0/1 pin and the digital input from this pin is
not needed, this bit should be written logic one to reduce power consumption in the digital
input buffer.
18.2
Analog Comparator Inputs
18.2.1
Analog Compare Positive Input
It is possible to select any of the inputs of the ADC Positive Input Multiplexer to replace the
positive input to the Analog Comparator. The ADC multiplexer is used to select this input, and
consequently, the ADC must be switched off to utilize this feature. If the Analog Comparator
Multiplexer Enable bit (ACME in ADCSRB register) is set and the ADC is switched off (ADEN
in ADCSRA register is zero), MUX[4..0] in ADMUX register select the input pin to replace the
positive input to the Analog Comparator, as shown in Table 18-2. If ACME is cleared or ADEN
is set, AIN1 pin is applied to the positive input to the Analog Comparator.
Table 18-1.
ACIS1 / ACIS0 Settings
ACIS1
ACIS0
Interrupt Mode
0
0
Comparator Interrupt on Output Toggle.
01
Reserved
1
0
Comparator Interrupt on Falling Output Edge.
1
1
Comparator Interrupt on Rising Output Edge.
Bit
7
6
543210
ADC7D /
AIN1D
ADC6D /
AIN0D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com