Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 217 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 213Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 214Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 215Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 216Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 217Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 218Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 219Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 220Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 282 page
background image
217
7728D–AVR–07/09
ATtiny87/ATtiny167
20. Flash Programming
The device provides a Self-Programming mechanism for downloading and uploading program
code by the MCU itself. The Self-Programming can use any available data interface (i.e. LIN,
USART, ...) and associated protocol to read code and write (program) that code into the Pro-
gram memory.
The Program memory is updated in a page by page fashion. Before programming a page with
the data stored in the temporary page buffer, the page must be erased. The temporary page
buffer is filled one word at a time using SPM and the buffer can be filled either before the Page
Erase command or between a Page Erase and a Page Write operation:
• Alternative 1, fill the buffer before a Page Erase
– Fill temporary page buffer
– Perform a Page Erase
– Perform a Page Write
• Alternative 2, fill the buffer after Page Erase
– Perform a Page Erase
– Fill temporary page buffer
– Perform a Page Write
If only a part of the page needs to be changed, the rest of the page must be stored (for exam-
ple in the temporary page buffer) before the erase, and then be re-written. When using
alternative 1, the Boot Loader provides an effective Read-Modify-Write feature which allows
the user software to first read the page, do the necessary changes, and then write back the
modified data. If alternative 2 is used, it is not possible to read the old data while loading since
the page is already erased. The temporary page buffer can be accessed in a random
sequence. It is essential that the page address used in both the Page Erase and Page Write
operation is addressing the same page.
20.1
Self-Programming the Flash
20.1.1
Performing Page Erase by SPM
To execute Page Erase, set up the address in the Z-pointer, write “00000011
b” to SPMCSR
and execute SPM within four clock cycles after writing SPMCSR. The data in R1 and R0 is
ignored. The page address must be written to PCPAGE in the Z-register. Other bits in the
Z-pointer will be ignored during this operation.
• The CPU is halted during the Page Erase operation.
20.1.2
Filling the Temporary Buffer (Page Loading)
To write an instruction word, set up the address in the Z-pointer and data in R1:R0, write
“00000001
b” to SPMCSR and execute SPM within four clock cycles after writing SPMCSR.
The content of PCWORD in the Z-register is used to address the data in the temporary buffer.
The temporary buffer will auto-erase after a Page Write operation or by writing the CTPB bit in
SPMCSR. It is also erased after a system reset. Note that it is not possible to write more than
one time to each address without erasing the temporary buffer.
If the EEPROM is written in the middle of an SPM Page Load operation, all data loaded will be
lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com