Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 220 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 220 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 216Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 217Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 218Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 219Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 220Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 221Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 222Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 223Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 224Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 282 page
background image
220
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 0 – SPMEN: Self Programming Enable
This bit enables the SPM instruction for the next four clock cycles. If written to one together
with either SIGRD, CTPB, RFLB, PGWRT, or PGERS, the following SPM instruction will have
a special meaning, see description above. If only SPMEN is written, the following SPM instruc-
tion will store the value in R1:R0 in the temporary page buffer addressed by the Z-pointer. The
LSB of the Z-pointer is ignored. The SPMEN bit will auto-clear upon completion of an SPM
instruction, or if no SPM instruction is executed within four clock cycles. During Page Erase
and Page Write, the SPMEN bit remains high until the operation is completed.
Writing any other combination than “10 0001
b”, “01 0001 b”, “00 1001 b”, “00 0101 b”, “00 0011
b” or “00 0001 b” in the lower six bits will have no effect.
Note:
Only one SPM instruction should be active at any time.
20.2.2
EEPROM Write Prevents Writing to SPMCSR
Note that an EEPROM write operation will block all software programming to Flash. Reading
the Fuses and Lock bits from software will also be prevented during the EEPROM write opera-
tion. It is recommended that the user checks the status bit (EEPE) in the EECR Register and
verifies that the bit is cleared before writing to the SPMCSR Register.
20.2.3
Reading the Fuse and Lock Bits from Software
It is possible to read both the Fuse and Lock bits from software. To read the Lock bits, load the
Z-pointer with 0x0001 and set the RFLB and SPMEN bits in SPMCSR. When an LPM instruc-
tion is executed within three CPU cycles after the RFLB and SPMEN bits are set in SPMCSR,
the value of the Lock bits will be loaded in the destination register. The RFLB and SPMEN bits
will auto-clear upon completion of reading the Lock bits or if no LPM instruction is executed
within three CPU cycles or no SPM instruction is executed within four CPU cycles. When
RFLB and SPMEN are cleared, LPM will work as described in the Instruction set Manual.
The algorithm for reading the Fuse Low byte is similar to the one described above for reading
the Lock bits. To read the Fuse Low byte, load the Z-pointer with 0x0000 and set the RFLB
and SPMEN bits in SPMCSR. When an LPM instruction is executed within three cycles after
the RFLB and SPMEN bits are set in the SPMCSR, the value of the Fuse Low byte (FLB) will
be loaded in the destination register as shown below. See Table 21-5 on page 227 for a
detailed description and mapping of the Fuse Low byte.
Similarly, when reading the Fuse High byte (FHB), load 0x0003 in the Z-pointer. When an
LPM instruction is executed within three cycles after the RFLB and SPMEN bits are set in the
SPMCSR, the value of the Fuse High byte will be loaded in the destination register as shown
below. See Table 21-4 on page 226 for detailed description and mapping of the Fuse High
byte.
Bit
7
65
43
2
1
0
Rd (Z=0x0001)
––
––
––
LB2
LB1
Bit
765
4
321
0
Rd (Z=0x0000)
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0
Bit
765
4
3210
Rd (Z=0x0003)
FHB7
FHB6
FHB5
FHB4
FHB3
FHB2
FHB1
FHB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com