Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 228 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 228 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 224Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 225Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 226Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 227Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 228Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 229Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 230Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 231Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 232Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 282 page
background image
228
7728D–AVR–07/09
ATtiny87/ATtiny167
21.4
Calibration Byte
The ATtiny87/167 has a byte calibration value for the internal RC Oscillator. This byte resides
in the high byte of address 0x000 in the signature address space. During reset, this byte is
automatically written into the OSCCAL Register to ensure correct frequency of the calibrated
RC Oscillator.
21.5
Page Size
21.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATtiny87/167. Pulses are assumed to
be at least 250 ns unless otherwise noted.
21.6.1
Signal Names
In this section, some pins of the ATtiny87/167 are referenced by signal names describing their
functionality during parallel programming, see Figure 21-1 and Figure 21-9. Pins not described
in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive
pulse. The bit coding is shown in Figure 21-11.
When pulsing WR or OE, the command loaded determines the action executed. The different
commands are shown in Figure 21-12.
Table 21-7.
Number of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATtiny87
4K words
64 words
PC[5:0]
64
PC[11:6]
11
ATtiny167
8K words
64 words
PC[5:0]
128
PC[12:6]
12
Table 21-8.
Number of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATtiny87
ATtiny167
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com