Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 229 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 229 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 225Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 226Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 227Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 228Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 229Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 230Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 231Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 232Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 233Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 282 page
background image
229
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 21-1. Parallel programming
Note:
Vcc - 0.3V < AVcc < Vcc + 0.3V, however, AVcc should always be within 4.5 - 5.5V
Table 21-9.
Pin Name Mapping
Signal Name in
Programming Mode
Pin Name
I/O
Function
WR
PB0
I
Write Pulse (Active low).
XA0
PB1
I
XTAL1 Action Bit 0
XA1 / BS2
PB2
I
- XTAL1 Action Bit 1
- Byte Select 2
(“0” selects low byte, “1” selects 2’nd high byte)
PAGEL / BS1
PB3
I
- Program Memory and EEPROM data Page Load
- Byte Select 1
(“0” selects low byte, “1” selects high byte)
PB4
I
XTAL1 (Clock input)
OE
PB5
I
Output Enable (Active low).
RDY / BSY
PB6
O
0: Device is busy programming,
1: Device is ready for new command.
+12V
PB7
I
- Reset (Active low)
- Parallel programming mode (+12V).
DATA
PA7-PA0
I/O
Bi-directional Data bus (Output when OE is low).
Vcc
+4.5 - +5.5V
GND
PB0
PB1
PB2
PB3
PA7 - PA0
DATA
RESET / PB7
XTAL1 / PB4
+12 V
XA0
XA1 / BS2
PAGEL / BS1
WR
PB6
RDY / BSY
AVcc
+4.5 - +5.5V
OE
PB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com