Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 240 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 240 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 236Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 237Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 238Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 239Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 240Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 241Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 242Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 244Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 282 page
background image
240
7728D–AVR–07/09
ATtiny87/ATtiny167
7.
At the end of the programming session, RESET can be set high to commence normal
operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn Vcc power off.
21.8.2
Serial Programming Instruction set
Table 21-15 on page 240 and Figure 21-8 on page 242 describes the Instruction set
Table 21-14. Minimum Wait Delay Before Writing the Next Flash or EEPROM Location
Symbol
Minimum Wait Delay
t
WD_FLASH
4.5 ms
t WD_EEPROM
4.0 ms
t
WD_ERASE
4.0 ms
t
WD_FUSE
4.5 ms
Table 21-15. Serial Programming Instruction Set
Instruction/Operation
Instruction Format
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
0xAC
0x53
0x00
0x00
Chip Erase (Program Memory/EEPROM)
0xAC
0x80
0x00
0x00
Poll RDY/BSY
0xF0
0x00
0x00
data byte out
Load Instructions
Load Extended Address byte(1)
0x4D
0x00
Extended add.
0x00
Load Program Memory Page, High byte
0x48
add. MSB
add. LSB
high data byte in
Load Program Memory Page, Low byte
0x40
add. MSB
add. LSB
low data byte in
Load EEPROM Memory Page (page access)
0xC1
0x00
0000 000aa b
data byte in
Read Instructions
Read Program Memory, High byte
0x28
add. MSB
add. LSB
high data byte out
Read Program Memory, Low byte
0x20
add. MSB
add. LSB
low data byte out
Read EEPROM Memory
0xA0
0x00
00aa aaaa
data byte out
Read Lock bits
0x58
0x00
0x00
data byte out
Read Signature Byte
0x30
0x00
0000 000aa
data byte out
Read Fuse bits
0x50
0x00
0x00
data byte out
Read Fuse High bits
0x58
0x08
0x00
data byte out
Read Extended Fuse Bits
0x50
0x08
0x00
data byte out
Read Calibration Byte
0x38
0x00
0x00
data byte out
Write Instructions(6)
Write Program Memory Page
0x4C
add. MSB
add. LSB
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com