Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 239Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 240Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 241Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 242Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 246Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 282 page
background image
243
7728D–AVR–07/09
ATtiny87/ATtiny167
22. Electrical Characteristics
Note:
All Characteristics contained in this data sheet are based on simulation and characterization of ATtiny87/167 AVR microcon-
trollers manufactured in a typical process technology. These values are preliminary values representing design targets, and will
be updated after characterization of actual Automotive silicon.
22.1
Absolute Maximum Ratings*
Notes:
1. Maximum current per port = ±30mA
2. Functional corruption may occur .
22.2
DC Characteristics
Operating Temperature.................................– 40°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ....................................– 65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground .............................. – 0.5V to Vcc+0.5V
Voltage on RESET with respect to Ground.... – 0.5V to +13.0V
Voltage on Vcc with respect to Ground.............. – 0.5V to 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current Vcc and GND Pins................................. 200.0 mA
Injection Current at VCC = 0V to 5V(2)...................... ±5.0mA(1)
TA = -40°C to +125°C, Vcc = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units
VIL
Input Low Voltage
Except XTAL1 and
RESET pins
- 0.5
0.2 Vcc (2)
V
VIL1
XTAL1 pin - External
Clock Selected
- 0.5
0.1 Vcc (2)
V
VIL2
RESET pin
- 0.5
0.2 Vcc (2)
V
VIL3
RESET pin as I/O
- 0.5
0.2 Vcc (2)
V
VIH
Input High Voltage
Except XTAL1 and
RESET pins
0.7 Vcc (3)
Vcc
+ 0.5
V
VIH1
XTAL1 pin - External
Clock Selected
0.8 Vcc (3)
Vcc
+ 0.5
V
VIH2
RESET pin
0.9 Vcc (3)
Vcc
+ 0.5
V
VIH3
RESET pin as I/O
0.7 Vcc (3)
Vcc
+ 0.5
V
VOL
Output Low Voltage (4)
(Ports A, B,)
IOL = 10 mA, Vcc = 5V
IOL = 5 mA, Vcc = 3V
0.6
0.5
V
VOH
Output High Voltage (5)
(Ports A, B)
IOH = – 10 mA, Vcc = 5V
IOH = – 5 mA, Vcc = 3V
4.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com