Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 247 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 247 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 246Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 247Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 248Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 249Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 250Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 251Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 282 page
background image
247
7728D–AVR–07/09
ATtiny87/ATtiny167
Notes:
1. V
BOT may be below nominal minimum operating voltage for some devices. For devices
where this is the case, the device is tested down to Vcc = V
BOT during the production test.
This guarantees that a Brown-Out Reset will occur before Vcc drops to a voltage where cor-
rect operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 101 for Low Operating Voltage and BODLEVEL = 100 for High operating
Voltage.
22.6
Internal Voltage Characteristics
Table 22-5.
BODLEVEL Fuse Coding
BODLEVEL 2:0 Fuses
Min. VBOT
(1)
Typ. VBOT
Max. VBOT
Units
1 1 1 b
BOD Disabled
1 1 0
b
1.7
1.8
2.0
V
1 0 1 b
2.5
2.7
2.9
1 0 0
b
4.1
4.3
4.5
0 1 1
b
Reserved
0 1 0 b
0 0 1
b
0 0 0
b
Table 22-6.
Brown-out Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
VHYST
Brown-out Detector Hysteresis
80
mV
t
BOD
Min Pulse Width on Brown-out Reset
2
µs
Table 22-7.
Internal Voltage Reference Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VBG
Bandgap reference voltage
Vcc = 4.5
T
A =25°C
1.0
1.1
1.2
V
t
BG
Bandgap reference start-up time
Vcc = 4.5
TA =25°C
40
70
µs
IBG
Bandgap reference current consumption
Vcc = 4.5
TA =25°C
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com