Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 246Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 247Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 248Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 249Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 250Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 251Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 282 page
background image
248
7728D–AVR–07/09
ATtiny87/ATtiny167
22.7
Current Source Characteristics
22.8
ADC Characteristics
Table 22-8.
Current Source Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IISRC
Current
Vcc = 2.7 V / 5.5 V
T =-40°C / +125°C
94
106
µA
t
ISRC
Current Source start-up time
Vcc = 4.5
T
A = 25°C
60
µs
Table 22-9.
ADC Characteristics, Single Ended Channels (-40°C/+125°C)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
TUE
Absolute accuracy
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
2.0
3.5
LSB
INL
Integral Non Linearity
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
0.6
2.0
LSB
DNL
Differential Non Linearity
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
0.3
0.8
LSB
Gain error
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
-6.0
-2.5
2.0
LSB
Offset error
Vcc = 4V, VRef = 4V,
ADC clock = 200 kHz
-3.5
1.5
3.5
LSB
VREF
Ref voltage
2.56
AVcc
V
Input bandwidth
38.5
kHz
V
INT
Internal voltage
2.4
2.56
2.7
V
RREF
Reference input resistance
32
k
Ω
RAIN
Analog input resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com