Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 246 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 246 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 242Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 243Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 244Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 245Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 246Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 247Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 248Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 249Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 250Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 282 page
background image
246
7728D–AVR–07/09
ATtiny87/ATtiny167
22.4.3
External Clock Drive
22.5
RESET Characteristics
Note:
1. Before rising, the supply has to be between VPORMIN and VPORMAX to ensure a Reset.
Table 22-2.
External Clock Drive
Symbol
Parameter
Vcc = 2.7 - 5.5V
Vcc = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
1/t
CLCL
Oscillator Frequency
0
8
0
16
MHz
tCLCL
Clock Period
125
62.5
ns
t
CHCX
High Time
50
25
ns
t
CLCX
Low Time
50
25
ns
tCLCH
Rise Time
1.6
0.5
ms
t
CHCL
Fall Time
1.6
0.5
ms
Δt
CLCL
Change in period from one clock
cycle to the next
22
%
Table 22-3.
External Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
RST
RESET Pin Threshold
Voltage
V
CC = 5V
0.1 Vcc
0.9 Vcc
V
tRST
Minimum pulse width on
RESET Pin
VCC = 5V
2.5
µs
VBG
Bandgap reference voltage
VCC = 2.7V,
T
A =25°C
1.0
1.1
1.2
V
t
BG
Bandgap reference start-up
time
VCC = 2.7V,
TA =25°C
40
70
µs
IBG
Bandgap reference current
consumption
V
CC = 2.7V,
TA =25°C
15
µA
Table 22-4.
Power On Reset Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
1.0
1.4
V
Power-on Reset Threshold Voltage (falling)(1)
0.9
1.3
V
VPORMAX
VCC Max. start voltage to ensure internal
Power-on Reset signal
0.4
V
VPORMIN
VCC Min. start voltage to ensure internal
Power-on Reset signal
- 0.1
V
VCCRR
VCC Rise Rate to ensure Power-on Reset
0.01
V/ms
VRST
RESET Pin Threshold Voltage
0.1 Vcc
0.9
Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com