Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
21
Input leakage current RTC_XTALI Vin = 0 or VDD_IO
IIN
—1.0
µA
D3.23
Input current, pullup
resistor6
Pullup VDD_IO Vin = VIL
IINpu
25
150
µA
D3.24
Input current,
pulldown resistor 8
Pulldown VDD_IO Vin = VIH
IINpd
25
150
µA
D3.25
Output high voltage
IOH is driver dependent7 VDD_IO
VOH
0.8 × VDD_IO
—V
D3.26
Output high voltage
IOH is driver dependent7
VDD_MEM_IO_DDR
VOHDDR
1.90
—
V
D3.27
Output high voltage
IOH is driver dependent7
VDD_MEM_IO_DDR2
VOHDDR2
1.396
—
V
D3.28
Output high voltage
IOH is driver dependent7
VDD_MEM_IO_LPDDR
VOHLPDDR
VDD_MEM_IO
–0.28
—V
D3.28
Output low voltage
IOL is driver dependent7 VDD_IO
VOL
—0.2 × VDD_IO
V
D3.30
Output low voltage
IOL is driver dependent7
VDD_MEM_IO_DDR
VOLDDR
—
0.36
V
D3.31
Output low voltage
IOL is driver dependent7
VDD_MEM_IO_DDR2
VOLDDR2
—
0.28
V
D3.32
Output low voltage
IOL is driver dependent7
VDD_MEM_IO_LPDDR
VOLLPDDR
—
0.28
V
D3.33
Differential cross point
voltage
(DDR MCK/MCK)
—VOXMCK
0.5 ×
VDD_MEM_IO – 0.125
0.5 ×
VDD_MEM_IO +0.125
V
D3.34
DC Injection Current
Per Pin8
—ICS
−1.0
1.0
mA
D3.35
Input Capacitance
(digital pins)
—Cin
—7
pF
D3.36
Input Capacitance
(analog pins)
—Cin
—
10
pF
D3.37
On Die Termination
(DDR2)
—RODT
120
180
Ω
D3.38
1 This parameter is meant for those who do not use quartz crystals or resonators, but CAN osc, in crystal mode. In that case,
Vextal – Vxtal - 400mV criteria has to be met for oscillator’s comparator to produce output clock.
2 This parameter is meant for those who do not use quartz crystals or resonators, but signal generator clock to drive, in bypass
mode. In that case, drive only the EXTAL pin not connecting anything to other pin for the oscillator’s comparator to produce
output clock.
3 This parameter is meant for those who do not use quartz crystals or resonators, but CAN osc, in crystal mode. In that case,
drive one of the XTAL_IN or XTAL_OUT pins not connecting anything to other pin for the oscillator’s comparator to produce
output clock.
4 This parameter is meant for those who do not use quartz crystals or resonators, but signal generator clock to drive, in bypass
mode. In that case, drive only the xtal_in pin not connecting anything to other pin for the oscillator’s comparator to produce
output clock.
5 Leakage current is measured with output drivers disabled and pull-up/pull-downs inactive.
6 Pullup current is measured at VIL and pulldown current is measured at VIH.
Table 6. DC Electrical Specifications (continued)
Characteristic
Condition
Sym
Min
Max
Unit SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com