Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
28
3.3
AC Electrical Characteristics
3.3.1
Overview
Hyperlinks to the indicated timing specification sections are provided in the following:
AC Test Timing Conditions:
Unless otherwise noted, all test conditions are as follows:
•TA = –40 to 85
oC
•VDD_CORE = 1.33 to 1.47 V
VDD_IO = 3.0 to 3.6 V
•
Input conditions:
All Inputs: tr, tf
≤ 1ns
•
Output Loading:
All Outputs: 50 pF
3.3.2
AC Operating Frequency Data
Table 16 provides the operating frequency information for the MPC5121e/MPC5123.
•
AC Operating Frequency Data
•
SDHC
•
Resets
•
DIU
•
External Interrupts
•
SPDIF
•
SDRAM (DDR)
•
CAN
•
PCI
•
I2C
•
LPC
•
J1850
•
NFC
•
PSC
•
PATA
•
GPIOs and Timers
•
SATA PHY
•
Fusebox
•
FEC
•
IEEE 1149.1 (JTAG)
•
USB ULPI
•
VIU
•
On-Chip USB PHY
Table 16. Clock Frequencies
Min
Max
Units
SpecID
e300 Processor Core
200
400
MHz
A1.1
SDRAM Clock
28.6
200
MHz
A1.2
CSB Bus Clock
50.0
200
MHz
A1.3
IP Bus Clock
8.3
83
MHz
A1.4
PCI Clock
4.43
66
MHz
A1.5
LPC Clock
2.08
83
MHz
A1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com