Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Pin Assignments
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
11
PCI_AD13
P24
PCI
VDD_IO
—
PCI_AD14
P25
PCI
VDD_IO
—
PCI_AD15
N26
PCI
VDD_IO
—
PCI_AD16
L22
PCI
VDD_IO
—
PCI_AD17
K25
PCI
VDD_IO
—
PCI_AD18
J26
PCI
VDD_IO
—
PCI_AD19
K24
PCI
VDD_IO
—
PCI_AD20
J25
PCI
VDD_IO
—
PCI_AD21
H26
PCI
VDD_IO
—
PCI_AD22
K23
PCI
VDD_IO
—
PCI_AD23
J24
PCI
VDD_IO
—
PCI_AD24
H24
PCI
VDD_IO
—
PCI_AD25
J23
PCI
VDD_IO
—
PCI_AD26
G25
PCI
VDD_IO
—
PCI_AD27
J22
PCI
VDD_IO
—
PCI_AD28
F26
PCI
VDD_IO
—
PCI_AD29
G24
PCI
VDD_IO
—
PCI_AD30
F24
PCI
VDD_IO
—
PCI_AD31
H22
PCI
VDD_IO
—
PCI_C/BE0P22
PCI
VDD_IO
—
PCI_C/BE1N24
PCI
VDD_IO
—
PCI_C/BE2
L24
PCI
VDD_IO
—
PCI_C/BE3G26
PCI
VDD_IO
—
PCI_PAR
N22
PCI
VDD_IO
—
PCI_FRAME
M23
PCI
VDD_IO
4
PCI_TRDY
M22
PCI
VDD_IO
4
PCI_IRDY
K26
PCI
VDD_IO
4
PCI_STOP
M24
PCI
VDD_IO
4
PCI_DEVSEL
L26
PCI
VDD_IO
4
PCI_IDSEL
K22
PCI
VDD_IO
—
PCI_SERR
M26
PCI
VDD_IO
4
PCI_PERR
M25
PCI
VDD_IO
4
PCI_REQ0
G23
PCI
VDD_IO
4
PCI_REQ1
E26
PCI
VDD_IO
4
PCI_REQ2
D26
PCI
VDD_IO
4
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 6 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com