Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
32
3.3.4
External Interrupts
The MPC5121e/MPC5123 provides three different kinds of external interrupts:
•
IRQ interrupts
•
GPIO interrupts with simple interrupt capability (not available in power-down mode)
•
WakeUp interrupts
IPIC inputs must be valid for at least tPICWID to ensure proper operation in edge triggered mode.
3.3.5
SDRAM (DDR)
The MPC5121e/MPC5123 memory controller supports three types of DDR devices:
•
DDR-1 (SSTL_2 class II interface)
•
DDR-2 (SSTL_18 interface)
•
LPDDR/Mobile-DDR (1.8V I/O supply voltage)
JEDEC standards define the minimum set of requirements for complient memory devices:
— JEDEC STANDARD, DDR2 SDRAM SPECIFICATION, JESD79-2C, MAY 2006
— JEDEC STANDARD, Double Data Rate (DDR) SDRAM Specification, JESD79E, May 2005
— JEDEC STANDARD, Low Power Double Data Rate (LPDDR) SDRAM Specification, JESD79-4, May 2006
The MPC5121e/MPC5123 supports the configuration of two output drive strengths for DDR2 and LPDDR:
•
Full drive strength
•
Half drive strengh (intended for ligther loads or point-to-point environments)
The MPC5121e/MPC5123 memory controller supports dynamic on-die termination in the host device and in the DDR2 memory
device.
This section includes AC specifications for all DDR SDRAM pins. The DC parameters are specified in the DC Electrical
Characteristics.
tS_POR_CONF
Reset configuration setup time before assertion of PORESET
1 cycle
A3.14
tH_POR_CONF
Reset configuration hold time after assertion of PORESET
1 cycle
A3.15
tHR_SR_DELAY
Time from falling edge of HRESET to falling edge of SRESET
4 cycles
A3.16
tHRHOLD
Time HRESET must be held low before a qualified reset occurs
4 cycles
A3.17
tSRHOLD
Time SRESET must be held low before a qualified reset occurs
4 cycles
A3.18
tSRMIN
Time SRESET is asserted after it has been qualified
1 cycles
A3.19
Table 19. IPIC Input AC Timing Specifications1
1 T is the IP bus clock cycle. T = 12 ns is the minimum value (for the maximum IP bus freqency
of 83 MHz).
Description
Symbol
Min
Unit
SpecID
IPIC inputs—minimum pulse witdh
tPICWID
2T
ns
A4.1
Table 18. Reset Timing (continued)
Symbol
Description
Value
SYS_XTALI
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com