Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
47
3.3.9.2
PIO Mode Timing
A timing diagram for the PIO read mode is given in Figure 25.
Figure 25. PIO Read Mode Timing
To fulfill read mode timing, the different timing parameters given in Table 3-26 must be observed.
In PIO write mode, timing waveforms are somewhat different as shown in Figure 26.
Table 3-26. Timing Parameters PIO Read
ATA
Parameter
PIO Read
Mode Timing
Parameter
Value
How to meet
SpecID
t1
t1
t1(min) = (time_1 × T) – (tskew1 +tskew2 +tskew5)
calculate and programming
time_1. 1
1 See the MPC5121e Microcontroller Reference Manual.
A9.20
t2
t2rt2(min) = (time_2r × T) – (tskew1 +tskew2 +tskew5)
calculate and programming
time_2r. 1
A9.21
t9
t9
t9(min) = (time_9 × T) – (tskew1 +tskew2 +tskew6)
calculate and programming
time_9. 1
A9.22
t5
t5
t5(min) = tco +tsu +tbuf +tbuf +tcable1 +tcable2
If not met, increase time_2r
A9.23
t6
t6
0—
A9.24
tA
tA
tA(min) = (1.5 + time_ax) × T –
(tco +tsui +tcable2 +tcable2 +2×tbuf)
calculate and programming
time_ax. 1
A9.25
trd
trd1
trd1(max) =(–trd)+(tskew3 +tskew4)
trd1(min) = (time_pio_rdx – 0.5 ) × T–(tsu +thi)
(time_pio_rdx – 0.5) × T > tsu +thi +tskew3 +tskew4
calculate and programming
time_pio_rdx. 1
A9.26
t0
—t0(min) = (time_1 + time_2 + time_9) × T
time_1, time_2r, time_9
A9.27
ADDR
DIOR
Read Data (15:0)
IORDY
IORDY
t1
t2r
t9
t5
tA
t6
trd1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com