Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
System Design Information
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
79
For a board with a COP (common on-chip processor) connector that accesses the JTAG interface and needs to reset the JTAG
module, only wiring TRST and PORESET is not recommended.
To reset the MPC5121e/MPC5123 via the COP connector, the HRESET pin of the COP should be connected to the HRESET
pin of the MPC5121e/MPC5123. The circuitry shown in Figure 62 allows the COP to assert HRESET or TRST separately,
while any other board sources can drive PORESET.
Table 52. COP/BDM Interface Signals
BDM Pin # MPC5121e/MPC5123 I/O Pin BDM Connector
Internal
Pull Up/Down
External
Pull Up/Down
I/O1
1 With respect to the emulator tool’s perspective:
Input is really an output from the embedded e300 core.
Output is really an input to the core.
16
—
GND
—
—
—
15
CKSTP_OUT
ckstp_out
—
10 k
Ω Pull-up
I
14
—
KEY
—
—
—
13
HRESET
hreset
Pull-up
10 k
Ω Pull-up
O
12
—
GND
—
—
—
11
SRESET
sreset
Pull-up
10 k
Ω Pull-up
O
10
—
N/C
—
—
—
9
TMS
tms
Pull-up
10 k
Ω Pull-up
O
8
CKSTP_IN
ckstp_in
—
10 k
Ω Pull-up
O
7
TCK
tck
Pull-up
10 k
Ω Pull-up
O
6—
VDD2
2 From the board under test, power sense for chip power.
——
—
5
See Note3
3 HALTED is not available from e300 core.
halted3
——
I
4TRST
trst
Pull-up
10 k
Ω Pull-up
O
3
TDI
tdi
Pull-up
10 k
Ω Pull-up
O
2
See Note4
4 Input to the e300 core to enable/disable soft-stop condition during breakpoints. MPC5121e/MPC5123
internally ties CORE_QACK to GND in its normal/functional mode (always asserted).
qack4
——
O
1TDO
tdo
—
—
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com