Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Pin Assignments
Freescale Semiconductor
16
VSS
A2, A3, A25, B1,B2,
B3, B5, B7, B12, B17,
B20, B22, B26, C1,
C4, C23, C25, D2,
D12, D17, D24, D25,
E18, F2, F3, F4, F5,
F6, F8, F10, F16, F17,
F21, G5, H6, H23,
H25, K6, K21, L6, L11,
L12, L13, L14, L15,
L16, L21, M2, M4,
M11, M12, M13, M14,
M15, M16, N5, N11,
N12, N13, N14, N15,
N16,
Ground
—
—
VSS
N23, N25, P11, P12,
P13, P14, P15, P16,
R11, R12, R13, R14,
R15, R16, T6, T11,
T12, T13, T14, T15,
T16, T21, U2, U4, U6,
U21, V23, V25, Y24,
AA6, AA10, AA11,
AA16, AA17, AA21,
AB2, AB4, AB10,
AB24, AC8, AC12,
AC17, AC22, AD3,
AD25, AE7, AE12,
AE17, AE23, AE26
Ground
—
—
SYS_PLL_AVDD
T22
Analog Power
—
—
SYS_PLL_AVSS
U22
Analog Ground
—
—
CORE_PLL_AVDD
AA19
Analog Power
—
—
CORE_PLL_AVSS
AD23
Analog Ground
—
—
VBAT_RTC
D19
Power
—
—
AVDD_FUSEWR
C9
Power
—
—
MVTT0
AB7
Analog Input
SSTL(DDR2) Termination (ODT) Voltage
MVTT1
AF9
Analog Input
SSTL(DDR2) Termination (ODT) Voltage
MVTT2
AE11
Analog Input
SSTL(DDR2) Termination (ODT) Voltage
MVTT3
AE14
Analog Input
SSTL(DDR2) Termination (ODT) Voltage
Power and Ground Supplies (USB PHY)
USB_PLL_GND
E23
Analog Ground
—
—
USB_PLL_PWR3
D23
Analog Power
—
—
USB_RREF
E22
Analog Power
—
—
USB_VSSA_BIAS
B23
Analog Ground
—
—
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 11 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com