Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
46
The ATA clock is the same frequency as the IP bus clock in MPC5121e/MPC5123. See the MPC5121e Microcontroller
Reference Manual.
NOTE
All output timing numbers are specified for nominal 50 pF loads.
3.3.9.1
PATA Timing Parameters
In the timing equations, some timing parameters are used. These parameters depend on the implementation of the ATA interface
in silicon, the bus transceiver used, the cable delay and cable skew. The parameters shown in Table 3-25 specify the ATA timing.
Table 3-25. PATA Timing Parameters
Name
Meaning
Controlled by
Value
SpecID
T
PATA Bus clock period
MPC5121E/MPC5123
15 ns
A9.1
ti_ds
Set-up time ATA_DATA to ATA_IORDY edge (UDMA-in only)
MPC5121E/MPC5123
2 ns
A9.2
ti_dh
Hold time ATA_IORDY edge to ATA_DATA (UDMA-in only)
MPC5121E/MPC5123
5 ns
A9.3
tco
Propagation delay bus clock L-to-H to: ATA_CS0, ATA_CS1, ATA_DA2,
ATA_DA1, ATA_DA0, ATA_DIOR, ATA_DIOW, ATA_DMACK, ATA_DATA,
ATA_BUFFER_EN
MPC5121E/MPC5123
2 ns
A9.4
tsu
Set-up time ATA_DATA to bus clock L-to-H
MPC5121E/MPC5123
2 ns
A9.5
tsui
Set-up time ATA_IORDY to bus clock H-to-L
MPC5121E/MPC5123
2 ns
A9.6
thi
Hold time ATA_IORDY to bus clock H to L
MPC5121E/MPC5123
2 ns
A9.7
tskew1
Max difference in propagation delay bus clock L-to-H to any of following
signals: ATA_CS0, ATA_CS1, ATA_DA2, ATA_DA1, ATA_DA0,
ATA_DIOR, ATA_DIOW, ATA_DMACK, ATA_DATA (WRITE),
ATA_BUFFER_EN
MPC5121E/MPC5123
1.7 ns
A9.8
tskew2
Max difference in buffer propagation delay for any of following signals:
ATA_CS0, ATA_CS1, ATA_DA2, ATA_DA1, ATA_DA0, ATA_DIOR,
ATA_DIOW, ATA_DMACK, ATA_DATA (WRITE), ATA_BUFFER_EN
Transceiver
A9.9
tskew3
Max difference in buffer propagation delay for any of following signals:
ATA_IORDY, ATA_DATA (read)
Transceiver
A9.10
tbuf
Max buffer propagation delay
Transceiver
A9.11
tcable1
Cable propagation delay for ata_data
Cable
A9.12
tcable2
Cable propagation delay for control signals: ATA_DIOR, ATA_DIOW,
ATA_IORDY, ATA_DMACK
Cable
A9.13
tskew4
Max difference in cable propagation delay between: ATA_IORDY and
ATA_DATA (read)
Cable
A9.14
tskew5
Max difference in cable propagation delay between: ATA_DIOR,
ATA_DIOW, ATA_DMACK and ATA_CS0, ATA_CS1, ATA_DA2,
ATA_DA1, ATA_DA0, ATA_DATA (write)
Cable
A9.15
tskew6
Max difference in cable propagation delay without accounting for ground
bounce
Cable
A9.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com