Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5121E Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
64
3.3.16
SPDIF
The Sony/Philips Digital Interface (SPDIF) timing is totally asynchronous, therefore there is no need for relationship with the
clock.
3.3.17
CAN
The CAN functions are available as TX and CAN3/4_RX pins at normal IO pads and as CAN1/2 RX pins at the VBAT_RTC
domain. There is no filter for the WakeUp dominant pulse. Any High-to-Low edge can cause WakeUp, if configured.
3.3.18
I2C
This section specifies the timing parameters of the Inter-Integrated Circuit (I2C) interface. Refere to the I2C Bus Specification.
Table 39. I2C Input Timing Specifications – SCL and SDA
Sym
Description
Min
Max
Units
SpecID
1
Start condition hold time
2
—
IP-Bus Cycle1
1 Inter Peripheral Clock is defined in the MPC5121e/MPC5123 Reference Manual.
A18.1
2
Clock low time
8
—
IP-Bus Cycle1
A18.2
4
Data hold time
0.0
—
ns
A18.3
6
Clock high time
4
—
IP-Bus Cycle1
A18.4
7
Data setup time
0.0
—
ns
A18.5
8
Start condition setup time (for repeated start condition only)
2
—
IP-Bus Cycle1
A18.6
9
Stop condition setup time
2
—
IP-Bus Cycle1
A18.7
Table 40. I2C Output Timing Specifications – SCL and SDA
Sym
Description
Min
Max
Units
SpecID
11
1 Programming IFDR with the maximum frequency results in the minimum output timings listed. The I2C interface is designed to
scale the data transition time, moving it to the middle of the SCL low period. The actual position is affected by the prescale and
division values programmed in IFDR.
Start condition hold time
6
—
IP-Bus Cycle2
2 Because SCL and SDA are open-drain-type outputs, which the processor can only actively drive low, the time SCL or SDA
takes to reach a high level depends on external signal capacitance and pull-up resistor values.
A18.8
21
Clock low time
10
—
IP-Bus Cycle2
A18.9
33
3 Inter Peripheral Clock is defined in the MPC5121e/MPC5123 Reference Manual.
SCL/SDA rise time
—
7.9
ns
A18.10
41
Data hold time
7
—
IP-Bus Cycle2
A18.11
51
SCL/SDA fall time
—
7.9
ns
A18.12
61
Clock high time
10
—
IP-Bus Cycle2
A18.13
71
Data setup time
2
—
IP-Bus Cycle2
A18.14
81
Start condition setup time (for repeated start condition only)
20
—
IP-Bus Cycle2
A18.15
91
Stop condition setup time
10
—
IP-Bus Cycle2
A18.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com