Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
eMIOS[11]
GPIO[190]
eMIOS Ch.
GPIO
PCR[190]
01
00
I/O
I/O
VDDEH6a
Slow
- / WKPCFG
- / WKPCFG
62
75
R8
eMIOS[12]28
DSPI_C_SOUT
eTPU_A[27]
GPIO[191]
eMIOS Ch.
DSPI C Data Output
eTPU_A Ch.
GPIO
PCR[191]
001
010
100
000
I/O
O
O
I/O
VDDEH6a
Medium
- / WKPCFG
- / WKPCFG
63
76
N10
eMIOS[13]
GPIO[192]
eMIOS Ch.
GPIO
PCR[192]
01
00
I/O
I/O
VDDEH6a
- / WKPCFG
- / WKPCFG
—
777
T88
eMIOS[14]
IRQ[0]
eTPU_A[29]
GPIO[193]
eMIOS Ch.
External Interrupt Request
eTPU_A Ch.
GPIO
PCR[193]
001
010
100
000
O
I
O
I/O
VDDEH6a
Slow
- / WKPCFG
- / WKPCFG
64
78
R9
eMIOS[15]
IRQ[1]
GPIO[194]
eMIOS Ch.
External Interrupt Request
GPIO
PCR[194]
01
10
00
O
I
I/O
VDDEH6a
Slow
- / WKPCFG
- / WKPCFG
—
797
T98
eMIOS[23]
GPIO[202]
eMIOS Ch.
GPIO
PCR[202]
01
00
I/O
I/O
VDDEH6a
Slow
- / WKPCFG
- / WKPCFG
65
80
R11
Clock Synthesizer
XTAL
Crystal Oscillator Output
—
—
O
VDDEH6a
O / -
XTAL29 / -
76
93
P16
EXTAL
EXTCLK
Crystal Oscillator Input
External Clock Input
—
—
I
VDDEH6a
I / -
EXTAL30/ -
75
92
N16
CLKOUT
System Clock Output
PCR[229]
—
O
VDDE12
Fast
CLKOUT /
Enabled
CLKOUT /
Enabled
——
T14
Power / Ground
VDDPLL
PLL Supply Voltage
—
—
I
VDDPLL
(1.2V)
I / -
—
74
91
R16
VSSPLL31
PLL Ground
—
—
I
VSSPLL
I / -
—
77
94
M16
VSTBY
Power Supply for Standby
RAM
—
—
I
VSTBY
I / -
—
12
12
C1
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com