Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
VRC33
3.3V Voltage Regulator
Bypass Capacitor
—
—
O
VRC33
O / -
—
13
13
A15, D1,
N6, N12
VRCCTL
Voltage Regulator Control
Output
—
—
O
NA
O / -
—
11
11
N14
VDDA32
Analog Power Input for eQADC
—
—
I
VDDA
(5.0 V)
I / -
—
6
6
—
VDDA0
Analog Power Input for eQADC
—
—
I
VDDA
I / -
—
—
—
B11
VSSA0
Analog Ground Input for
eQADC
—
—
I
VSSA
I / -
—
—
—
A11
VDDA1
Analog Power Input for eQADC
—
—
I
VDDA
I / -
—
—
—
A4
VSSA1
Analog Ground Input for
eQADC
—
—
I
VSSA
I / -
—
—
—
A5
VSSA33
Analog Ground Input for
eQADC
—
—
I
VSSA
I / -
—
7
7
—
VDDREG
Voltage Regulator Supply
—
—
I
VDDREG
(5.0 V)
I / -
—
10
10
K16
VDD
Internal Logic Supply Input
—
—
I
VDD (1.2 V)
I / -
-
26,
53,
86,
120
33,
62,
103,
149
B1, B16,
C2, D3,
E4, N5,
P4, P13,
R3, R14,
T2, T15
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com