Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
64
3.4
EMI (Electromagnetic Interference) characteristics
3.5
Electromagnetic static discharge (ESD) characteristics
Table 12. EMI testing specifications1
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03.
Symbol
Parameter
Conditions
fOSC/fBUS
Frequency
Level
(Max)
Unit
Radiated
emissions,
electric field
VRE_TEM
VDDREG =5.25V;
TA =+25 °C
150 kHz – 30 MHz
RBW 9 kHz, Step
Size 5kHz
30 MHz – 1 GHz –
RBW 120 kHz, Step
Size 80 kHz
16 MHz crystal
40 MHz bus
No PLL frequency
modulation
150 kHz – 50 MHz
20
dB
μV
50 – 150 MHz
20
150 – 500 MHz
26
500 – 1000 MHz
26
IEC Level
K
—
SAE Level
3
—
16 MHz crystal
40 MHz bus
+/-2% PLL
frequency
modulation
150 kHz– 50 MHz
13
dB
μV
50 – 150 MHz
13
150 – 500 MHz
11
500 – 1000 MHz
13
IEC Level
L
—
SAE Level
2
—
Table 13. ESD ratings1,2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated
Circuits.
2 Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.”
Symbol
Parameter
Conditions
Value
Unit
—
SR
ESD for Human Body Model (HBM)
—
2000
V
R1
SR
HBM circuit description
—
1500
Ω
CSR
—
100
pF
—
SR
ESD for field induced charge Model
(FCDM)
All pins
500
V
Corner pins
750
—
SR
Number of pulses per pin
Positive pulses (HBM)
1
—
Negative pulses (HBM)
1
—
—
SR
Number of pulses
—
1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com