Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
10
— Supports four external 8-to-1 muxes which can expand the input channel number from 31 to 59
•
Two deserial serial peripheral interface modules (DSPI)
—SPI
– Full duplex communication ports with interrupt and DMA request support
– Supports all functional modes from QSPI subblock of QSMCM (MPC5xx family)
– Support for queues in RAM
– 6 chip selects, expandable to 64 with external demultiplexers
– Programmable frame size, baud rate, clock delay and clock phase on a per frame basis
– Modified SPI mode for interfacing to peripherals with longer setup time requirements
– LVDS option for output clock and data to allow higher speed communication
— Deserial serial interface (DSI)
– Pin reduction by hardware serialization and deserialization of eTPU, eMIOS channels and GPIO
– 32 bits per DSPI module
– Triggered transfer control and change in data transfer control (for reduced EMI)
– Compatible with Microsecond Bus Version 1.0 downlink
•
Two enhanced serial communication interface (eSCI) modules
— UART mode provides NRZ format and half or full duplex interface
— eSCI bit rate up to 1 Mbps
— Advanced error detection, and optional parity generation and detection
— Word length programmable as 8, 9, 12 or 13 bits
— Separately enabled transmitter and receiver
— LIN support
— DMA support
— Interrupt request support
— Programmable clock source: system clock or oscillator clock
— Support Microsecond Bus (Timed Serial Bus - TSB) uplink Version 1.0
•
Two FlexCAN
— One with 32 message buffers; the second with 64 message buffers
— Full implementation of the CAN protocol specification, Version 2.0B
— Based on and including all existing features of the Freescale TouCAN module
— Programmable acceptance filters
— Short latency time for high priority transmit messages
— Arbitration scheme according to message ID or message buffer number
— Listen only mode capabilities
— Programmable clock source: system clock or oscillator clock
— Message buffers may be configured as mailboxes or as FIFO
•
Nexus port controller (NPC)
— Per IEEE-ISTO 5001-2003
— Real time development support for Power Architecture core and eTPU engine through Nexus class 2/1
— Read and write access (Nexus class 3 feature that is supported on this device)
– Run-time access of entire memory map
– Calibration
— Support for data value breakpoints / watchpoints
– Run-time access of entire memory map
– Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com