Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
65
3.6
Power Management Control (PMC) and Power On Reset (POR)
electrical specifications
Table 14. PMC Operating conditions and external regulators supply voltage
ID
Name
C
Parameter
Min
Typ
Max
Unit
1
Jtemp
SR
— Junction temperature
–40
27
150
°C
2
Vddreg
SR
— PMC 5 V supply voltage VDDREG
4.51
1 During start up operation the minimum required voltage to come out of reset state is 4.6 V.
5
5.25
V
3
Vdd
CC
C Core supply voltage 1.2 V VDD when external
regulator is used without disabling the internal
regulator (PMC unit turned on, LVI monitor
active)2
2 An internal regulator controller can be used to regulate core supply.
1.263
3 The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V.
1.3
1.32
V
3a
—
CC
C Core supply voltage 1.2 V VDD when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
1.14
1.2
1.32
V
4
Ivdd
CC
C Voltage regulator core supply maximum
required DC output current
400
—
—
mA
5
Vdd33
CC
C Regulated 3.3 V supply voltage when external
regulator is used without disabling the internal
regulator (PMC unit turned-on, internal 3.3V
regulator enabled, LVI
monitor active)4
4 An internal regulator can be used to regulate 3.3 V supply.
3.3
3.45
3.6
V
5a
—
CC
C Regulated 3.3 V supply voltage when external
regulator is used
with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
3
3.3
3.6
V
6
—
CC
C Voltage regulator 3.3 V supply maximum
required DC output current
80
—
—
mA
Table 15. PMC electrical characteristics
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes
1
Vbg
CC
C Nominal bandgap voltage
reference
—
1.219
—
V
1a
—
CC
C Untrimmed bandgap
reference voltage
Vbg–4.5%
Vbg
Vbg+4.5% V
1b
—
CC
C Trimmed bandgap
reference voltage (5 V,
27 °C)1
Vbg–10mV
Vbg
Vbg+10mV V
1c
—
CC
C Bandgap reference
temperature variation
—100
—
ppm
/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com