Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
82
fUL
CC
C
Frequency un-LOCK range
—
–18
18
% fsys
fCS
fDS
CC
C
Modulation Depth
Center spread
±0.25
±4.0
%fsys
C
Down Spread
–0.5
–8.0
fMOD
CC
C
Modulation frequency18
—
—
100
kHz
1 All values given are initial design targets and subject to change.
2 Considering operation with PLL not bypassed.
3 f
VCO is calculated as follows:
— In Legacy Mode fVCO = (fcrystal/(PREDIV+1))*(4*(MFD+4))
— In Enhanced Mode fvco = (Fcrystal/(EPREDIV+1))*(EMFD+4)
4 All internal registers retain data at 0 Hz.
5 “Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked mode.
6 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside the f
LOR
window.
7 f
VCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in enhanced
mode.
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
SYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the CJITTER
percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and either
fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for this
PLL, load capacitors should not exceed these limits.
13 Proper PC board layout procedures must be followed to achieve specifications.
14 This parameter is guaranteed by design rather than 100% tested.
15 Vxtal range is preliminary and subject to change pending characterization data.
16 V
IHEXT cannot exceed VRC33 in external reference mode.
17 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR).
18 Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50kHz.
Table 24. PLLMRFM electrical specifications1
(VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com