Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
94
Figure 13. Nexus output timing
10
tTDC
CC
D
TCK Duty Cycle
40
60
%
11
tNTDIS
CC
D
TDI Data Setup Time
5
—
ns
12
tNTDIH
CC
D
TDI Data Hold Time
25
—
ns
13
tNTMSS
CC
D
TMS Data Setup Time
5
—
ns
14
tNTMSH
CC
D
TMS Data Hold Time
25
—
ns
15
tJOV
CC
D
TCK Low to TDO Data Valid
10
20
ns
1 All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing
specified at VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.25 V with multi-voltage pads programmed to Low-Swing
mode, TA = TL to TH, and CL = 30 pF with DSC = 0b10.
2 Achieving the absolute minimum MCKO cycle time may require setting the MCKO divider to more than its minimum
setting (NPC_PCR[MCKO_DIV] depending on the actual system frequency being used.
3 This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the
Absolute minimum MCKO period specification.
4 This may require setting the MCKO divider to more than its minimum setting (NPC_PCR[MCKO_DIV]) depending
on the actual system frequency being used.
5 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
6 Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that
is less than the maximum functional capability of the design (system frequency / 4) depending on the actual system
frequency being used.
7 This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the
Absolute minimum TCK period specification.
8 This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability
of the design (system frequency / 4) depending on the actual system frequency being used.
Table 34. Nexus debug port timing1 (continued)
#
Symbol
C
Characteristic
Min. Value
Max. Value
Unit
1
2
4
6
MCKO
MDO
MSEO
EVTO
Output Data Valid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com