Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
85
3.14
Flash memory electrical characteristics
2 APC must be equal to RWSC
Table 28. Program and erase specifications
Symbol
Parameter
Min Value
Typical
Value1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program & erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Unit
Tdwprogram
P Double Word (64 bits) Program Time4
4 Actual hardware programming times. This does not include software overhead.
—
22
50
500
μs
TBKPRG
P Bank Program (512KB)4, 5
5 Typical Bank programming time assumes that all cells are programmed in a single pulse. In reality some cells will
require more than one pulse, adding a small overhead to total bank programming time (see Initial Max column).
—
1.45
1.65
33
s
P Bank Program (64KB)4, 5
—
0.18
0.21
4.10
s
T16kpperase
P 16 KB Block Pre-program and Erase Time
—
300
500
5000
ms
T32kpperase
P 32 KB Block Pre-program and Erase Time
—
400
600
5000
ms
T128kpperase
P 128 KB Block Pre-program and Erase Time
—
800
1300
7500
ms
Table 29. Flash module life1
1 TBD: To be defined
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
P/E
C Number of program/erase cycles per block
for 16 Kbyte blocks over the operating
temperature range (TJ)
—
100,000
—
cycles
P/E
C Number of program/erase cycles per block
for 32 Kbyte blocks over the operating
temperature range (TJ)
—
10,000
100,000
(TBD)
cycles
P/E
C Number of program/erase cycles per block
for 128 Kbyte blocks over the operating
temperature range (TJ)
—
1,000
100,000
(TBD)
cycles
Retention
C Minimum data retention at 85 °C average
ambient temperature2
2 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0 – 1,000
P/E cycles
20
—
years
Blocks with 10,000 P/E
cycles
10
—
years
Blocks with 100,000 P/E
cycles
5
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com