Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634MF0MMGA8 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5634MF0MMGA8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5634M
Rev. 4, 12/2009
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5634M
208 MAPBGA
17 mm x 17 mm
144 LQFP
20 mm x 20 mm
176 LQFP
24 mm x 24 mm
• Operating Parameters
– Fully static operation, 0 MHz - 80 MHz (plus 2%
frequency modulation - 82 MHz)
–-40
°C to 150 °C junction temperature operating range
– Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core
and peripherals
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
– Fabricated in 90 nm process
– 1.2 V internal logic
• High performance e200z335 core processor
• Advanced microcontroller bus architecture (AMBA)
crossbar switch (XBAR)
• Enhanced direct memory access (eDMA) controller
• Interrupt controller (INTC)
– 191 peripheral interrupt request sources, plus 165
reserved positions
– Low latency—three clocks from receipt of interrupt
request from peripheral to interrupt request to processor
• Frequency Modulating Phase-locked loop (FMPLL)
• Calibration bus interface (EBI) (available only in the
calibration package)
• System integration unit (SIU) centralizes control of pads,
GPIO pins and external interrupts.
• Error correction status module (ECSM) provides
configurable error-correcting codes (ECC) reporting
• Up to 1.5 MB on-chip flash memory
• Up to 94 KB on-chip static RAM
• Boot assist module (BAM) enables and manages the
transition of MCU from reset to user code execution from
internal flash memory, external memory on the calibration
bus or download and execution of code via FlexCAN or
eSCI.
• Periodic interrupt timer (PIT)
– 32-bit wide down counter with automatic reload
– 4 channels clocked by system clock
– 1 channel clocked by crystal clock
• System timer module (STM)
– 32-bit up counter with 8-bit prescaler
– Clocked from system clock
– 4 channel timer compare hardware
• Software watchdog timer (SWT) 32-bit timer
• Enhanced modular I/O system (eMIOS)
– 16 standard timer channels (up to 14 channels connected
to pins in LQFP144)
– 24-bit timer resolution
• Second-generation enhanced time processor unit (eTPU2)
– High level assembler/compiler
– Enhancements to make ‘C’ compiler more efficient
– New ‘engine relative’ addressing mode
• Enhanced queued A/D converter (eQADC)
– 2 independent on-chip RSD Cyclic ADCs
– Up to 34 input channels available to the two on-chip
ADCs
– 4 pairs of differential analog input channels
• 2 deserial serial peripheral interface modules (DSPI)
– SPI provides full duplex communication ports with
interrupt and DMA request support
– Deserial serial interface (DSI) achieves pin reduction by
hardware serialization and deserialization of eTPU,
eMIOS channels and GPIO
• 2 enhanced serial communication interface (eSCI) modules
• 2 FlexCAN modules
• Nexus port controller (NPC) per IEEE-ISTO 5001-2003
standard
• IEEE 1149.1 JTAG controller (JTAGC)
MPC5634M Microcontroller
Data Sheet


Similar Part No. - MPC5634MF0MMGA8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 106P
Microcontroller
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
High performance e200z335 core processor
MPC5634MMLQ60 FREESCALE-MPC5634MMLQ60 Datasheet
1Mb / 106P
Microcontroller
MPC5634MMLQ80 FREESCALE-MPC5634MMLQ80 Datasheet
1Mb / 106P
Microcontroller
MPC5634MMLU60 FREESCALE-MPC5634MMLU60 Datasheet
1Mb / 106P
Microcontroller
More results

Similar Description - MPC5634MF0MMGA8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
M68HC08 Family of 8-bit microcontroller units (MCUs)
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
Series of Microcomputers (MCUs: microcomputer units)
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
8-bit microcontroller units
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
8-bit microcontroller units
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com