Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 2Page - STMicroelectronics STHV748 Datasheet HTML 3Page - STMicroelectronics STHV748 Datasheet HTML 4Page - STMicroelectronics STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics STHV748 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Pin settings
STHV748
6/22
Doc ID 15450 Rev 1
2.3
Additional pin description
EN allows minimizing the power consumption. If EN=0, the self voltage reference is not
supplied. Supplying reference externally the total power consumption is reduced.
THSD is a thermal flag. The output stage of THSD pin is a Nch-MOS open-drain, so this
necessary to connect external pull-up resistance (Rp≥10 k
Ω) to positive low-voltage supply
(see Figure 1).If the internal temperature overtakes 160 °C, THSD goes down and put all
the channels in HZ state. Externally forcing THSD to positive low-voltage supply, the thermal
protection will be disabled.
D_CTR can be used to optimize 2nd HD performances by tuning the fall propagation delay
(tdf - see table 9). If D_CTR is equal to ground tdf has the nominal value. If D_CTR is being
varied from 2 V to 4.2 V tdf can be changed from -1ns to +600 ps respect to the nominal
value.
EXPOSED-PAD is internally connected to the substrate. It can be floating or connected to a
100 V capacitance toward ground in order to reduce noise during the receiving phase.
Pin N
Name
Function
IN/OUT
Type
45
HVM0_D
Negative high-voltage supply 0 channel D
I
P
46
HVM1_D
Negative high-voltage supply 1 channel D
I
P
47
REF_HVM0
Supply for low side 0 gate driver
I
P
48
DGND
Logic ground
I
A
49
DVDD
Positive logic supply
I
A
50
IN1_D
Input signal channel D
I
D
51
IN2_D
Input signal channel D
I
D
52
IN3_D
Input signal channel D
I
D
53
VDDP
Positive low-voltage supply
I
A
54
GND_PWR
Power ground
I
P
55
XDCR_D
Channel D, high-voltage output
O
P
56
LVOUT_D
Channel D, low-voltage output
O
A
57
LVOUT_A
Channel A, low-voltage output
O
A
58
XDCR_A
Channel A, high-voltage output
O
P
59
GND_PWR
Power ground
I
P
60
VDDM
Negative low-voltage supply
I
A
61
IN3_A
Input signal channel A
I
D
62
IN2_A
Input signal channel A
I
D
63
IN1_A
Input signal channel A
I
D
64
EN
Enable internal supply generators
I
D
Exposed-Pad
Substrate
I
P
Table 2.
Pin description (P = power, A = analog, D = digital) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com