Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 4 Page - STMicroelectronics

  STHV748 Datasheet HTML 1Page - STMicroelectronics STHV748 Datasheet HTML 2Page - STMicroelectronics STHV748 Datasheet HTML 3Page - STMicroelectronics STHV748 Datasheet HTML 4Page - STMicroelectronics STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin settings
STHV748
4/22
Doc ID 15450 Rev 1
2
Pin settings
2.1
Connection
Figure 2.
Pin connection (top view)
Note:
0.25 mm X 100 V maximum voltage between abutted pins
2.2
Description
Table 2.
Pin description (P = power, A = analog, D = digital)
Pin N
Name
Function
IN/OUT
Type
1
AGND
Signal ground
I
A
2
REF_HVM1
Supply for low side 1 gate driver
I
P
3
HVM1_A
Negative high-voltage supply 1 channel A
I
P
4
HVM0_A
Negative high-voltage supply 0 channel A
I
P
5HVOUT_A
Channel A, high-voltage output before noise blocking
diodes
OP
6
HVP0_A
Positive high-voltage supply 0 channel A
I
P
7
REF_HVP1
Supply for high side 1 gate driver
I
P
8
HVP1_A
Positive high-voltage supply 1 channel A
I
P
9
HVP1_B
Positive high-voltage supply 1 channel B
I
P
10
REF_HVP0
Supply for high side 0 gate driver
I
P
11
HVP0_B
Positive high-voltage supply 0 channel B
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com