Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics STHV748 Datasheet HTML 10Page - STMicroelectronics STHV748 Datasheet HTML 11Page - STMicroelectronics STHV748 Datasheet HTML 12Page - STMicroelectronics STHV748 Datasheet HTML 13Page - STMicroelectronics STHV748 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Operating supply voltages and average currents
STHV748
10/22
Doc ID 15450 Rev 1
6
Operating supply voltages and average currents (a)
a.
Operation conditions, unless otherwise specified, only A channel on, no load, HV=90V, TX0 and TX1 on, EN=0.
Table 7.
Supply voltages
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDDP
Positive supply voltage
2.7
3
3.6
V
IVDDP
Positive supply current
PW mode (1)
3mA
IVDDP_Q
Stand-by mode (2)
1µA
VDDM
Negative supply voltage
-2.7
-3
-3.6
V
IVDDM
Negative supply current
PW mode
2
mA
IVDDM_Q
Stand-by mode
1
µA
DVDD
Positive logic voltage
2.4
3
min(3.6,VDDP+0.3)
V
I_DVD
Logic supply current
PW mode
10
µA
I_DVD_Q
Stand-by mode
55
65
80
µA
HVP
High-voltage positive supply
0
90
V
IHVP
HV positive supply current
PW mode
50
mA
IHVP_Q
Stand-by mode
1
µA
HVM
High-voltage negative supply
-90
0
V
IHVM
HV negative supply current
PW mode
45
mA
IHVM_Q
Stand-by mode
1
µA
HVP-REF_HVP High-voltage positive gate supply
2.7
3
3.3
V
IREF_HVP
HV positive REF current
PW mode
7
mA
IREF_HVP_Q
Stand-by mode
200
300
400
µA
REF_HVM-HVM High-voltage negative gate supply
2.7
3
3.3
V
IREF_HVM
HV negative REF current
PW mode
3
mA
IREF_HVM_Q
Stand-by mode
200
300
400
µA
AGND
Ground reference
0
V
IAGND
Analog ground current
PW mode
700
µA
IAGND_Q
Stand-by mode
1
µA
GND_PWR
Power ground reference
0
V
IGND_PWR
PWR ground current
PC mode (3)
20
mA
IGND_PWR_Q
Stand-by mode
1
µA
D_CTR
Delay control
0
4.2
V
1.
In PW pulse wave mode the average current is measured over 5 periods (see Figure 5)
2.
In Stand-by mode all channels are in HZ.
3.
In PC pulse cancellation mode the average current is measured over 1 period (see Figure 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com