Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics STHV748 Datasheet HTML 10Page - STMicroelectronics STHV748 Datasheet HTML 11Page - STMicroelectronics STHV748 Datasheet HTML 12Page - STMicroelectronics STHV748 Datasheet HTML 13Page - STMicroelectronics STHV748 Datasheet HTML 14Page - STMicroelectronics STHV748 Datasheet HTML 15Page - STMicroelectronics STHV748 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Electrical characteristics
STHV748
12/22
Doc ID 15450 Rev 1
7
Electrical characteristics
Table 10.
Static electrical characteristics (1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
IN
Saturation current S1 – S3
HVP# =10V, HVM# =-10V,
HVOUT=0V
1.18
1.28
1.40
A
HVP# =25V, HVM# =-25V,
HVOUT=0V
1.70
A
IP
Saturation current S0 – S2
HVP# =10V, HVM# =-10V,
HVOUT=0V
1.12
1.26
1.42
A
HVP# =25V, HVM# =-25V,
HVOUT=0V
1.70
A
INCW
Saturation current S5
HVP1=10V, HVM1=-10V,
HVOUT=0V
315
350
400
mA
IPCW
Saturation current S4
HVP1=10V, HVM1=-10V,
HVOUT=0V
415
480
575
mA
ICL
Positive saturation current
S6 (Pch)
HVOUT=10V
1.25
1.54
2
A
HVOUT=25V
TBD
A
Negative saturation
current S6 (Nch)
HVOUT=10V
1.32
1.59
2
HVOUT=25V
TBD
IL
Output leakage current,
per channel
HVP# = 90V, HVM# = -90V,
HVOUT=0V
1µA
PSB
Power dissipation in stand
by mode
HVP# = 90V, HVM# = -90V,
HVOUT=0V, EN=0
44.5
µW
HVP# = 90V, HVM# = -90V,
HVOUT=0V
126
150
mW
PRX
Power dissipation in
HVR_SW state
HVP# = 90V, HVM# = -90V, EN=0, all
channels in receiving phase
25
30
40
mW
VREFP
HVP# - REF_HVP#
HVP# = 90V, HVM# = -90V,
HVOUT=0V
0.8VDDP
1.2VDDP
V
VREFN
REF_HVM# - HVM#
HVP# = 90V, HVM# = -90V,
HVOUT=0V
0.8VDDP
1.2VDDP
V
TOTP
Over temperature
threshold
HVP# =10V, HVM# =-10V
130
145
160
°C
THYS
OTP Hysteresis
HVP# =10V, HVM# =-10V
40
°C
CHVR_SW
HVR_SW capacitance
LVOUT=0V
40
pF
RHVR_SW_ON RHVR_SW on resistance
HVP# =10V, HVM# =-10V,
XDCR=1V, LVOUT=0V
11.5
13.5
15.5
Ω
RHVR_SW_OFF RHVR_SW off resistance
HVP# =10V, HVM# =-10V,
XDCR=1V, LVOUT=0V
1G
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com