Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 10Page - STMicroelectronics STHV748 Datasheet HTML 11Page - STMicroelectronics STHV748 Datasheet HTML 12Page - STMicroelectronics STHV748 Datasheet HTML 13Page - STMicroelectronics STHV748 Datasheet HTML 14Page - STMicroelectronics STHV748 Datasheet HTML 15Page - STMicroelectronics STHV748 Datasheet HTML 16Page - STMicroelectronics STHV748 Datasheet HTML 17Page - STMicroelectronics STHV748 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Electrical characteristics
STHV748
14/22
Doc ID 15450 Rev 1
Table 11.
AC electrical characteristics (1)
Symbol
Parameter
Test condition
Min Typ Max
Units
f
Maximum output frequency
16
MHz
50pF//200
Ω
22
MHz
fCW
Maximum output frequency CW
HVP1 =5V, HVM1 = -5V,
continuous wave mode
20
MHz
fBW
Output frequency BW
HVP1 = 50V, HVM1 = -50V,
continuous wave mode,
50pF//200
Ω
10
MHz
tj
Output jitter
2
0
ps, rms
tj-CW
CW output jitter
HVP1 =10V, HVM1 = -10V,
continuous wave mode
5ps, rms
tf
Fall time
28
31
ns
tr
Rise time
28
31
ns
tdr
Rise propagation delay
24
27
ns
tdf
Fall propagation delay
24
27
ns
tHVR_SW
HVR_SW turn-on / turn-off time
170
ns
HD2
2nd harmonic distortion
1 pulse f = 1.7MHz
-40
dBc
1 pulse f = 5MHz
-60
-40
dBc
5 pulses f = 1.7MHz
-40
dBc
5 pulses f = 5MHz
-60
-40
dBc
HD2PC
Pulse cancellation
f = 1.7MHz original and
inverted pulse
-40
dBc
f = 5MHz original and inverted
pulse
-60
-40
dBc
BVD
Burst voltage drop
1st to 128th pulse HVP1 = 10V,
HVM1 = -10V
2%
PD_CW
Power dissipation, per channel
CW mode, f = 5MHz, HVP1 =
5V, HVM1 = -5V, no load
70
mW
HVR_SWSPIKE HVR_SW spike on XDCR and LVOUT
100
mVpp
XTALK
Cross talk between channels.
Ampl(2ch)/Ampl(1ch),
50pF//200
Ω
-40
db
1.
Operating conditions, unless otherwise specified, HVP# = 90V, HVM# = -90V, VDDP = 3V, VDDM = -3V, DVDD = 3V,
EN = 0, (HVP-REF_HVP) = 3V, (REF_HVM-HVM) = 3V, XDCR load C = 300pF//R = 100
Ω, LVOUT load C = 20pF//200Ω
TROOM = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com