Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 14Page - STMicroelectronics STHV748 Datasheet HTML 15Page - STMicroelectronics STHV748 Datasheet HTML 16Page - STMicroelectronics STHV748 Datasheet HTML 17Page - STMicroelectronics STHV748 Datasheet HTML 18Page - STMicroelectronics STHV748 Datasheet HTML 19Page - STMicroelectronics STHV748 Datasheet HTML 20Page - STMicroelectronics STHV748 Datasheet HTML 21Page - STMicroelectronics STHV748 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical data
STHV748
18/22
Doc ID 15450 Rev 1
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 12.
QFN64 9 x 9 x 1.0 mm 64 pitch 0.50 mechanical data
Dim
Min.
Typ.
Max.
A
0.8
0.9
1
A1
0.02
0.05
A2
0.65
1
A3
0.2
b
0.18
0.25
0.3
D
8.85
9
9.15
D1
8.75
D2
See exposed pad variation
E
8.85
9
9.15
E1
8.75
E2
See exposed pad variation
e
0.5
L
0.35
0.4
0.45
P
0.6
K
12
ddd
0.08
Table 13.
Exposed-pad variation
Variation
D2
E2
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.1
4.25
4.4
4.1
4.25
4.4
B
4.55
4.7
4.85
4.55
4.7
4.85
C
6.95
7.1
7.25
6.95
7.1
7.25
D
7.15
7.3
7.45
7.15
7.3
7.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com