Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics STHV748 Datasheet HTML 10Page - STMicroelectronics STHV748 Datasheet HTML 11Page - STMicroelectronics STHV748 Datasheet HTML 12Page - STMicroelectronics STHV748 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
STHV748
Electrical data
Doc ID 15450 Rev 1
9/22
5
Electrical data
5.1
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
AGND
Analog ground reference (1)
1.
AGND is considered like “ground reference” for all fallen voltages.
0V
DGND
Digital ground
-300 to 300
mV
GND_PWR
Power ground
-1.2 to 1.2
V
VDDP
Positive supply voltage
-0.3 to 3.9
V
VDDM
Negative supply voltage
0.3 to -3.9
V
DVDD
Positive logic voltage
-0.3 to 3.9
V
HVP0
TX0 high-voltage positive supply
0 to 95
V
HVP1
TX1 high-voltage positive supply
≤ HVP0
V
HVM0
TX0 high-voltage negative supply
0 to -95
V
HVM1
TX1 high-voltage negative supply
≥ HVM0
V
REF_HVP#
High-voltage positive gate supply
-0.3 < HVP - REF_HVP < 3.3
V
REF_HVM# High-voltage negative gate supply
-0.3 < REF_HVM - HVM < 3.3
V
XDCR
High-voltage output
-95 to 95
V
HVOUT
High-voltage output before noise blocking
diodes
-95 to 95
V
LVOUT
Low-voltage output
-1 to 1
V
DIG I/O
Digital input specified in tab1
-0.3 to DVDD + 0.3
V
D_CTR
Delay control
-0.3 to 4.6
V
TOP
Operating temperature range
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
Table 6.
Symbol
Parameter
Value
Unit
Rth,JA
Thermal resistance junction-amb
30 (1)
1.
This value is given for a two layer PCB (252P) and it’s strongly sensitive to PCB layout. Increasing the
number of PCB layer or adding heat singer vias this number degree (reduce)
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com