Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STHV748 Datasheet HTML 14Page - STMicroelectronics STHV748 Datasheet HTML 15Page - STMicroelectronics STHV748 Datasheet HTML 16Page - STMicroelectronics STHV748 Datasheet HTML 17Page - STMicroelectronics STHV748 Datasheet HTML 18Page - STMicroelectronics STHV748 Datasheet HTML 19Page - STMicroelectronics STHV748 Datasheet HTML 20Page - STMicroelectronics STHV748 Datasheet HTML 21Page - STMicroelectronics STHV748 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package mechanical data
STHV748
20/22
Doc ID 15450 Rev 1
Figure 12.
QFN64 9 x 9 x 1.0 mm 64 tape and reel information
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.196
Ao
12.25
12.45
0482
0.490
Bo
12.25
12.45
0482
0.490
Ko
2.1
2.3
0.083
0.091
Po
3.9
4.1
0.153
0.161
P
15.9
16.1
0.626
0.639



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com