Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV748 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 5 Page - STMicroelectronics

  STHV748 Datasheet HTML 1Page - STMicroelectronics STHV748 Datasheet HTML 2Page - STMicroelectronics STHV748 Datasheet HTML 3Page - STMicroelectronics STHV748 Datasheet HTML 4Page - STMicroelectronics STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STHV748
Pin settings
Doc ID 15450 Rev 1
5/22
Pin N
Name
Function
IN/OUT
Type
12
HVOUT_B
Channel B, high-voltage output before noise blocking
diodes
OP
13
HVM0_B
Negative high-voltage supply 0 channel B
I
P
14
HVM1_B
Negative high-voltage supply 1 channel B
I
P
15
REF_HVM0
Supply for low side 0 gate driver
I
P
16
D_CTR
Delay control
I
A
17
IN4
Input signal shared
I
D
18
IN1_B
Input signal channel B
I
D
19
IN2_B
Input signal channel B
I
D
20
IN3_B
Input signal channel B
I
D
21
VDDP
Positive low-voltage supply
I
A
22
GND_PWR
Power ground
I
P
23
XDCR_B
Channel B, high-voltage output
O
P
24
LVOUT_B
Channel B, low-voltage output
O
A
25
LVOUT_C
Channel C, low-voltage output
O
A
26
XDCR_C
Channel C, high-voltage output
O
P
27
GND_PWR
Power ground
I
P
28
VDDM
Negative low-voltage supply
I
A
29
IN3_C
Input signal channel C
I
D
30
IN2_C
Input signal channel C
I
D
31
IN1_C
Input signal channel C
I
D
32
THSD
Thermal shutdown pin
I/O
D
33
AGND
Signal ground
I
A
34
REF_HVM1
Supply for low side 1 gate driver
I
P
35
HVM1_C
Negative high-voltage supply 1 channel C
I
P
36
HVM0_C
Negative high-voltage supply 0 channel C
I
P
37
HVOUT_C
Channel C, high-voltage output before noise blocking
diodes
OP
38
HVP0_C
Positive high-voltage supply 0 channel C
I
P
39
REF_HVP1
Supply for high side 1 gate driver
I
P
40
HVP1_C
Positive high-voltage supply 1 channel C
I
P
41
HVP1_D
Positive high-voltage supply 1 channel D
I
P
42
REF_HVP0
Supply for high side 0 gate driver
I
P
43
HVP0_D
Positive high-voltage supply 0 channel D
I
P
44
HVOUT_D
Channel D, high-voltage output before noise blocking
diodes
OP
Table 2.
Pin description (P = power, A = analog, D = digital) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com