Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 7 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 7 Page - ams AG

Back Button AS1527 Datasheet HTML 3Page - ams AG AS1527 Datasheet HTML 4Page - ams AG AS1527 Datasheet HTML 5Page - ams AG AS1527 Datasheet HTML 6Page - ams AG AS1527 Datasheet HTML 7Page - ams AG AS1527 Datasheet HTML 8Page - ams AG AS1527 Datasheet HTML 9Page - ams AG AS1527 Datasheet HTML 10Page - ams AG AS1527 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 21
AS1526/AS1527
Data Sheet - El ectrical Characte ristics
Timing Characteristics
VDD = +2.7 to +3.6V, TAMB = TMIN to TMAX (unless otherwise specified).
Figure 3. DOUT Enable-Time Load Circuits
Figure 4. DOUT Disable-Time Load Circuits
Table 4. Timing Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Acquisition Time
1
1. To guarantee acquisition time, tACQ is the maximum time the device takes to acquire the signal, and is also the
minimum time needed for the signal to be acquired
tACQ
1.5
µs
SCLK Falling-to-DOUT Valid
tDO
Figure 3, CLOAD = 50pF
20
200
ns
CSN Falling-to-Output Enable
tDV
Figure 3, CLOAD = 50pF
240
ns
CSN Rising-to-Output Disable
tTR
Figure 4, CLOAD = 50pF
240
ns
SCLK Clock Frequency
fSCLK
0
2.1
MHz
SCLK Pulse Width High
tCH
200
ns
SCLK Pulse Width Low
tCL
200
ns
SCLK Low-to-CSN Falling Setup
Time
tCS0
50
ns
DOUT Rising-to-SCLK Rising
2
2. Guaranteed by design; not subject to production testing.
tSTR
0
ns
CSN Pulse Width
tCS
240
ns
CLOAD
50pF
CLOAD
50pF
6k
Ω
GND
DGND
DOUT
DOUT
High-impedance to VOH and VOL to VOH
+2.7V
High-impedance to VOL and VOH to VOL
6k
Ω
DGND
6k
Ω
CLOAD
50pF
CLOAD
50pF
6k
Ω
DGND
GND
DGND
DOUT
DOUT
VOH to high-impedance
+2.7V
VOL to high-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com