Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 13 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 13 Page - ams AG

Back Button AS1527 Datasheet HTML 9Page - ams AG AS1527 Datasheet HTML 10Page - ams AG AS1527 Datasheet HTML 11Page - ams AG AS1527 Datasheet HTML 12Page - ams AG AS1527 Datasheet HTML 13Page - ams AG AS1527 Datasheet HTML 14Page - ams AG AS1527 Datasheet HTML 15Page - ams AG AS1527 Datasheet HTML 16Page - ams AG AS1527 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
13 - 21
AS1526/AS1527
Data Sheet - Deta iled Description
9. Extra clock pulses occurring after the conversion result has been clocked out, and prior to a rising edge of CSN,
produce trailing zeros at DOUT and have no effect on the conversion process.
10. For minimum cycle time, clock out the data with 10.5 clock cycles at full speed using the rising edge of DOUT as
the EOC signal. Pull CSN high after reading the conversion’s LSB. After the specified minimum time (tCS) CSN can
be pulled low to initiate the next conversion.
Figure 25. Serial Interface Standard Cycle Timing Diagram
Figure 26. Serial Interface Minimum Cycle Timing Diagram
Figure 27. Detailed Serial Interface Timing Diagram
CSN
SCLK
DOUT
Conversion
In Progress
Hold
EOC
Track/Hold
Stage
Track
Clock Out Serial Data
Track
Cycle Time
Total = 13.7µs
Trailing
0s
Idle
0.24µs
tCS
0µs
tCONV
7.5µs
Hold
Interface
Idle
B9 B8 B7 B6 B5 B4 B3 B2 B1
B0 S1 S0
0µs
12.5 x 0.476µs = 5.95µs
Sub
Bits
Hold
Track/Hold
Stage
Track
Track
Hold
Total = 12.74µs
Cycle Time
DOUT
B9
B8
B7
B6
B5
B4
B3
B1
B0
CSN
EOC
Clock Out Serial Data
Idle
Interface
Idle
0.24µs
tCS
7.5µs
tCONV
0µs
10.5 x 0.476µs = 5µs
SCLK
B2
Conversion
In Progress
Track/Acquire
CSN
SCLK
DOUT
Internal
Track/Hold
tCONV
tAP
tDV
tSTR
Hold
tCSO
tDO
tCH
tCL
tCS
tTR
Track/Acquire
B0
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com