Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 8 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 8 Page - ams AG

Back Button AS1527 Datasheet HTML 4Page - ams AG AS1527 Datasheet HTML 5Page - ams AG AS1527 Datasheet HTML 6Page - ams AG AS1527 Datasheet HTML 7Page - ams AG AS1527 Datasheet HTML 8Page - ams AG AS1527 Datasheet HTML 9Page - ams AG AS1527 Datasheet HTML 10Page - ams AG AS1527 Datasheet HTML 11Page - ams AG AS1527 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
8 - 21
AS1526/AS1527
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
VDD = 3.0V, VREF = 2.5V, fSCLK = 2.1MHz, CLOAD = 50pF, TAMB = +25ºC (unless otherwise specified).
Figure 5. Integral Nonlinearity vs. Digital Output Code
Figure 6. Differential Nonlinearity vs. Digital Output Code
Figure 7. FFT @ 1kHz
Figure 8. FFT @ 10kHz
Figure 9. ENOB vs. VREF
Figure 10. ENOB vs. Input Signal Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
256
512
768
1024
Digital Output Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
256
512
768
1024
Digital Output Code
-160
-140
-120
-100
-80
-60
-40
-20
0
0
1020
3040
Input Signal Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
1020
3040
Input Signal Frequency (kHz)
Fsample = 80.8ksps
NFFT = 16384
Fsample = 80.8ksps
NFFT = 16384
9.77
9.8
9.83
9.86
9.89
9.92
9.95
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
Reference Voltage (V)
9.89
9.9
9.91
9.92
9.93
9.94
9.95
010
20
30
40
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com