Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 15 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 15 Page - ams AG

Back Button AS1527 Datasheet HTML 11Page - ams AG AS1527 Datasheet HTML 12Page - ams AG AS1527 Datasheet HTML 13Page - ams AG AS1527 Datasheet HTML 14Page - ams AG AS1527 Datasheet HTML 15Page - ams AG AS1527 Datasheet HTML 16Page - ams AG AS1527 Datasheet HTML 17Page - ams AG AS1527 Datasheet HTML 18Page - ams AG AS1527 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
15 - 21
AS1526/AS1527
Data Sheet - Deta iled Description
Figure 30. Supply Current vs. Sampling Rate
Figure 31. Powerup Time vs. Time in Shutdown
Internal 2.5V Reference (AS1526)
The AS1526 internal 2.5V reference output is connected to pin REF and also drives the internal DAC (see Figure 24
on page 11). REF output can be used as a reference voltage source for other components and can source up to
400µA.
The internal reference is enabled by pulling pin SHDNN high. Letting SHDNN float disables the internal reference,
which allows the use of an external reference (see External Reference on page 15).
Pin REF should be bypassed with a 4.7µF capacitor as shown in Figure 23 on page 11. Larger capacitors increase
wake-up time when the devices exit shutdown mode (see Layout Considerations on page 18)
External Reference
Both devices can operate with an external reference at pin REF. The external reference should be within the +1.0V to
VDD voltage range to achieve specified accuracy. The minimum input impedance is 18k
Ω for DC currents.
Note:
To use an external reference with the AS1526, disable the internal reference by letting pin SHDNN float.
During conversion, the external reference should be capable of delivering up to 250µA of DC load current and have an
output impedance
≤ 10Ω. The recommended minimum value for the bypass capacitor is 0.1µF. If the reference has
higher output impedance or is noisy, bypass it close to pin REF with a 4.7µF capacitor.
0.1
1
10
100
1000
10000
0.1
10
1000
100000
Sam pling Rate (s ps )
0
100
200
300
400
500
600
700
800
0.001
0.01
0.1
1
10
Tim e in Shutdown (s )
Internal Reference
External Reference
3V
3V
Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com