Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 19 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 19 Page - ams AG

Back Button AS1527 Datasheet HTML 13Page - ams AG AS1527 Datasheet HTML 14Page - ams AG AS1527 Datasheet HTML 15Page - ams AG AS1527 Datasheet HTML 16Page - ams AG AS1527 Datasheet HTML 17Page - ams AG AS1527 Datasheet HTML 18Page - ams AG AS1527 Datasheet HTML 19Page - ams AG AS1527 Datasheet HTML 20Page - ams AG AS1527 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
19 - 21
AS1526/AS1527
Data Sheet - Ap p lica tio n In fo r m a tio n
Package Drawings and Markings
Figure 38. 8-pin SOIC-150 Package
Symbol
Min
Max
A1
0.10
0.25
B
0.36
0.46
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
e1.27BSC
H
5.80
6.20
h
0.25
0.50
L
.041
1.27
A
1.52
1.72
ZD
0.53REF
A2
1.37
1.57
Notes:
1. Lead coplanarity should be 0 to 0.10mm (.004”) max.
2. Package surface finishing:
(2.1) Top: matte (charmilles #18-30).
(2.2) All sides: matte (charmilles #18-30).
(2.3) Bottom: smooth or matte (charmilles #18-30).
3. All dimensions exclusive of mold flash, and end flash from the pack-
age body shall not exceed 0.24mm (0.10”) per side (D).
4. Details of pin #1 identifier are optional but must be located within
the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com