Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 5 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 5 Page - ams AG

  AS1527 Datasheet HTML 1Page - ams AG AS1527 Datasheet HTML 2Page - ams AG AS1527 Datasheet HTML 3Page - ams AG AS1527 Datasheet HTML 4Page - ams AG AS1527 Datasheet HTML 5Page - ams AG AS1527 Datasheet HTML 6Page - ams AG AS1527 Datasheet HTML 7Page - ams AG AS1527 Datasheet HTML 8Page - ams AG AS1527 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
5 - 21
AS1526/AS1527
Data Sheet - El ectrical Characte ristics
6 Electrical Characteristics
VDD = +2.7 to +3.6V, 73ksps, fSCLK = 2.1MHz (50% duty cycle); AS1526:4.7µF capacitor at REF, AS1527: external ref-
erence; VREF = 2.5V applied to REF; TAMB = TMIN to TMAX (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
1
Resolution
10
Bits
Relative Accuracy
2
±0.5
LSB
DNL
Differential Non-Linearity
No missing codes over temperature
±1
LSB
Offset Error
±2
LSB
Gain Error
3
±2
LSB
Gain Temperature Coefficient
±1
ppm/°C
Dynamic Specifications (10kHz sine-wave input, 0V to 2.5Vp-p, 73ksps, fSCLK =2.1MHz)
SINAD
Signal-to-Noise + Distortion
Ratio
61
dB
THD
Total Harmonic Distortion
Up to the 5th harmonic
-70
dB
SFDR
Spurious-Free Dynamic Range
70
dB
Small-Signal Bandwidth
-3dB rolloff
2.5
MHz
Full-Power Bandwidth
2.5
MHz
Conversion Rate
tCONV
Conversion Time
5.5
7.5
µs
tACQ
Track/Hold Acquisition Time
1.5
µs
Throughput Rate
4
fSCLK = 2.1MHz
73
ksps
tAP
Aperture Delay
Figure 27 on page 13
7ns
Aperture Jitter
<50
ps
Analog Input
Input Voltage Range
0
VREF
V
Input Capacitance
21
pF
Internal Reference (AS1526 only)
REF Output Voltage
TAMB = +25ºC
5
2.47
2.50
2.53
V
REF Short-Circuit Current
45
mA
REF Temperature Coefficient
AS1526
±30
ppm/°C
Load Regulation
6
0 to 0.2mA output load
0.35
mV
CREFBYP
Capacitive Bypass at REF
4.7
µF
External Reference (VREF = 2.5V)
Input Voltage Range
1.00
VDD +
50mV
V
Input Current
100
150
µA
Input Resistance
18
25
k
Ω
REF Input Current in Shutdown
SHDNN = 0V
±0.01
10
µA
CREFBYP
Capacitive Bypass at REF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com