Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 3 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 3 Page - ams AG

  AS1527 Datasheet HTML 1Page - ams AG AS1527 Datasheet HTML 2Page - ams AG AS1527 Datasheet HTML 3Page - ams AG AS1527 Datasheet HTML 4Page - ams AG AS1527 Datasheet HTML 5Page - ams AG AS1527 Datasheet HTML 6Page - ams AG AS1527 Datasheet HTML 7Page - ams AG AS1527 Datasheet HTML 8Page - ams AG AS1527 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.austriamicrosystems.com
Revision 1.03
3 - 21
AS1526/AS1527
Data Sheet - Pi nout and Packaging
4 Pinout and Packaging
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1VDD
Positive Supply Voltage. +2.7 to +3.6V
2AIN
Sampling Analog Input. 0V to VREF range.
3
SHDNN
Three-Level Shutdown Input. Pulling this pin low puts the AS1526/AS1527
in shutdown mode, down to 4µA (max) supply current. The devices are fully
operational with this pin high or floating.
Note: For the AS1526, pulling this pin high enables the internal reference; let-
ting this pin float disables the internal reference allowing for the use of an
external reference. See also pin 4.
4REF
A/D Conversion Reference Voltage. This pin serves as the internal 2.5V
reference output for the AS1526; bypass this pin with a 4.7µF capacitor.
This pin also serves as the external reference voltage input for the AS1527, or
for AS1526 if the internal reference is disabled. Bypass this pin with a
minimum of 0.1µF when using an external reference. See also pin 3.
5GND
Analog and Digital Ground
6DOUT
Serial Data Output. Data changes state at SCLK’s falling edge.
Note: This pin is high-impedance when pin CSN is high.
7CSN
Active-Low Chip Select. The falling edge of this pin initiates a conversion.
Note: When this pin is high, DOUT is high-impedance.
8SCLK
Serial Clock Input. This pin clocks data out at rates up to 2.1MHz.
AS1526/
AS1527
4
REF
3
SHDNN
2
AIN
1
VDD
5GND
6 DOUT
7CSN
8SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com